Part Number Hot Search : 
ZMM56 HAT2068R GS1002FL USBB1 00152 PG5402 60438D TA7282AP
Product Description
Full Text Search
 

To Download 2SA1079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1079
DESCRIPTION *With TO-220 package *High transition frequency *Excellent safe operating area APPLICATIONS *High-frequency power amplifier *Audio power amplifiers and drivers
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -160 -160 -5 -2 25 150 -65~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO ICEO IEBO hFE-1 hFE-2 fT COB PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-1mA ,RBE= IC=-1A ,IE=0 IE=-1A ,IC=0 IC=-0.7A; IB=-70mA IC=-0.7A ; VCE=-5V VCB=-160V; IE=0 VCE=-160V; IB=0 VEB=-5V; IC=0 IC=-0.3A ; VCE=-5V IC=-0.7A ; VCE=-5V IC=-0.5A ; VCE=-10V;f=10MHz IE=0 ; VCB=-20V;f=1MHz 100 50 120 100 MIN -160 -160 -5 -0.45 -0.8 TYP.
2SA1079
MAX
UNIT V V V
-1.0 -1.7 -1 -100 -1 350
V V A A A
MHz pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1079
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X